PART |
Description |
Maker |
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
HEDS-9720OPTIONK51 HEDS-9700OPTIONM55 |
SINGLE, 2 CHANNELS, LINEAR OPTICAL POSITION ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
|
62A11-02-040CH 62A15-02-P 62A01-01-PT |
1/2" Package Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
EMS22T51-D28-LD5 EMS22D30-M25-LP6 EMS22S30-C20-LA6 |
ENCODER - ROTARY MAGNETIC SINGLE, 3 CHANNELS, ROTARY/LINEAR OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
HEDL-6505B09 HEDS-6500A07 HEDS-6500J11 HEDS-6505B1 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
AGILENT TECHNOLOGIES INC
|
HRPG-AS1611C HRPG-AS1613C HRPG-AS1613R HRPG-AS1611 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Agilent Technologies, Inc.
|
61S50-2-205T 61S128-2-205T 61S100-2-205T 61SS64-1- |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
25LR30-G-Z |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
E202-2000-1-0 E203-2400-3-1 E203-2400-2-1 E206-254 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
|
HEDS-5500OPTIOND05 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
AGILENT TECHNOLOGIES INC
|
62F05-02-150P-L 62F15-02-150P-L 62F01-01-100C-LT |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|